Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download 2CO80-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 British Dimension HRCII-C Fuses
600 Volts AC
I
2 - 600 Amperes
SPECIFICATIONS
Voltage Rating: 600 Volts AC, 250 Volts DC Interrupting Rating: 200,000 amperes rms symmetrical AC 80,000 amperes rms symmetrical DC Ampere Range: 2 - 600 amperes Approvals: CSA Certified to Standard C22.2 No. 106-M90 (File No. LR90341)
AMPERE RATINGS
2CO 2 4 6 125 150 10 15 20 200 250 25 30 40 300 350 50 60 400 450 80 100 500 600
2CC 2CM
80 125 200 300 400 100 150 250 350 Example part number (series & amperage): 2CM 150
RECOMMENDED FUSE BLOCKS
DF30 (F, B, FB) -- Fits 2 - 30 amps DF60 (F, B, FB) -- Fits 40 - 60 amps DF100 (F, B, FB)-- Fits 80 - 100 amps For additional information on HRCII-C fuse holders, contact factory.
HRCII-C fuses are stud-mounted fuses designed to British standard dimensions. They are generally used for motor short circuit protection in dead-front holders, and are normally required to be used in conjunction with a motor running overload device.
D G A B J F G K
D G A E J
B H F
FIG. 1
FIG. 2
E H
FIG. 3
CAT. NO. 2CO 2-30 2CO 40-60 2CO 80-100 2CC 125-200 2CC 250-400 2CC 450-600 2CM 80-100 2CM 125-200 2CM 250-400 OLD LF PART NO. FII FII FII FIIC FIIC FIIC FIIM FIIM FIIM REFER TO FIG. NO. 1 1 1 2 3 3 2 1 2 DIMENSIONS IN MM (Inches in parentheses) A 56 (2.2) 57 (2.24) 68 (2.88) 76 (3) 81 (3.19) 83 (3.27) 66 (2.6) 77 (3.03) 81 (3.19) B 21 (0.83) 26 (1.02) 36 (1.42) 41 (1.61) 58 (2.28) 74 (2.91) 31 (1.22) 41 (1.81) 58 (2.25) C -- -- -- -- -- -- -- -- -- D 85 (3.3) 88 (3.45) 110 (4.33) 137 (5.39) 210 (8.27) 210 (8.27) 135 (5.31) 110 (4.33) 136 (5.35) E 9 (0.35) 13 (0.51) 19 (0.75) 19 (0.75) 26 (1.02) 26 (1.02) 19 (0.75) 19 (0.75) 26 (1.02) F 1 (0.04) 1.6 (0.06) 2.4 (0.09) 3.6 (0.14) 6.5 (0.26) 6.5 (0.25) 3.6 (0.14) 2.4 (0.09) 5.2 (0.2) G 73 (2.87) 73 (2.87) 94 (3.7) 111 (4.37) 133 (5.24) 133 (5.24) 111 (4.37) 94 (3.7) 111 (4.37) H 5.5 (0.21) 5.5 (0.21) 8.7 (0.34) 8.7 (0.34) 10.3 (0.4) 10.3 (0.4) 8.7 (0.34) 8.7 (0.34) 8.7 (0.34) J 7.5 (0.29) 7.5 (0.29) -- 16 (0.63) 16 (0.63) 16 (0.63) 16 (0.63 10.3 (0.4) 16 (0.63) K -- -- -- -- 25.4 (1) 25.4 (1) -- -- --
*Hole diameter to accept insulated stud (types C and D) mm min
163


▲Up To Search▲   

 
Price & Availability of 2CO80-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X